PART |
Description |
Maker |
NCV4275ADS33G NCV4275ADS33R4G NCV4275ADT33RKG NCV4 |
450 mA, 5.0V, LDO w/Reset and Delay 5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset 450 mA, 3.3 V, LDO w/Reset and Delay
|
ON Semiconductor
|
AMS1508 AMS1508CM AMS1508CM-15 AMS1508CM-25 AMS150 |
2.85V 8A low dropout voltage regulator 1.5V 8A low dropout voltage regulator 3.0V 8A low dropout voltage regulator 2.5V 8A low dropout voltage regulator Dual 2-to-4 Line Decoder/Demultiplexer 16-SOIC -55 to 125 8A LOW DROPOUT VOLTAGE REGULATOR 8A条低压差稳压
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
AMS3102CM1 AMS3102AM-50 AMS3102AM-X AMS3102AL-33 A |
300mA LOW DROPOUT VOLTAGE REGULATOR 4.0V 300mA low dropout voltage regulator MB 15C 14#20 1#16 SKT RECP 300mA低压差稳压器 MB 18C 18#20 PIN RECP 300mA低压差稳压器 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125 300mA低压差稳压器 300mA LOW DROPOUT VOLTAGE REGULATOR 300mA低压差稳压器 TERMINAL BLOCK 7MM HORZ 7POS PCB MB 15C 14#20 1#16 SKT PLUG MB 12C 8#20 4#16 SKT RECP MB 8C 8#16 SKT RECP MB 12C 8#20 4#16 PIN RECP MB 15C 14#20 1#16 PIN RECP 8-Input Universal Shift/Storage Register with Common Parallel I/O Pins and Asynchronous Reset 20-SOIC -55 to 125 2.5V 300mA low dropout voltage regulator 2.0V 300mA low dropout voltage regulator 5.0V 300mA low dropout voltage regulator 3.0V 300mA low dropout voltage regulator 3.3V 300mA low dropout voltage regulator
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|
MIC2951-3.3YM MIC2950-05YZ MIC2950-06YZ MIC2951-03 |
150mA Low-Dropout Voltage Regulator IC REG LDO 150MA 5.0V 0.5% TO92 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3
|
Micrel Semiconductor, Inc.
|
MIC29150-3.3WT MIC29150-3.3WU MIC29150-12WT MIC291 |
High-Current Low-Dropout Regulators IC REG LDO 1.5A 3.3V TO263-5 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 IC REG LDO 3A 3.3V TO263-5 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO3 12 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO3 12 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 12 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM5 High-Current Low-Dropout Regulators
|
http:// Micrel Semiconductor, Inc. MICREL INC
|
AMS1587 AMS1587CD AMS1587CD-15 AMS1587CD-25 AMS158 |
3.3V 3A low dropout voltage regulator 5.0V 3A low dropout voltage regulator 2.5V 3A low dropout voltage regulator 2.85V 3A low dropout voltage regulator 3.0V 3A low dropout voltage regulator 1.5V 3A low dropout voltage regulator BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Roller Lever Actuator, 1,67 N [6 oz] Maximum Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Roller Lever Actuator, 1,67 N [6 oz] Maximum Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, UL 3A LOW DROPOUT VOLTAGE REGULATOR A低压差稳压器 SWTCH LEVER SPDT 15A SOLD TERM A低压差稳压器 3A LOW DROPOUT VOLTAGE REGULATOR 3A低压差稳压器
|
Advanced Monolithic Systems, Inc.
|
AMS1085 AMS1085CD AMS1085CD-15 AMS1085CD-25 AMS108 |
5.0V 3A low dropout voltage regulator 3.3V 3A low dropout voltage regulator 3.5V 3A low dropout voltage regulator 3.0V 3A low dropout voltage regulator 2.85V 3A low dropout voltage regulator 1.5V 3A low dropout voltage regulator 3A LOW DROPOUT VOLTAGE REGULATOR A低压差稳压器 3A LOW DROPOUT VOLTAGE REGULATOR 3A低压差稳压器
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
MC33275DT-3.0 MC33275DT-2.5G MC33275ST-3.0T3G MC33 |
300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 DualCool? N-Channel NexFET? Power MOSFET 8-SON -55 to 150
|
ON Semiconductor
|
MSK5275-1.8H MSK5275-1.9 MSK5275-1.7E MSK5275-1.9H |
JO75LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 1300 mA, Low Dropout Voltage Regulator with On/Off Control 175 175 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1 Commercial Wire; FLT01VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|
MIC37101-1.5BM MIC37101-1.5YM MIC37101-1.65BM MIC3 |
1.65 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 1A LOW VOLTAGE U CAP LDO REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 1A LOW VOLTAGE U CAP LDO REGULATOR 1.65 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 1A LOW VOLTAGE U CAP LDO REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 1A LOW VOLTAGE U CAP LDO REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 1A LOW VOLTAGE U CAP LDO REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 FPGA 1600000 SYSTEM GATE 1.8 VOLT - NOT RECOMMENDED for NEW DESIGN ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
|